Part Number Hot Search : 
26706 2X062H OZ9939 TS274I PEX8603 KM416 C2908 LT6000
Product Description
Full Text Search
 

To Download 0901301324 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0901301324 Active
cgrid_iii 2.54mm (.100") Pitch C-Grid IIITM Header, Dual Row, Vertical, Shrouded, Fully Loaded, 24 Circuits, Black, 0.76m (30") Gold (Au) Selective Plating
Documents: 3D Model Drawing (PDF)
RoHS Certificate of Compliance (PDF) Series
General
Product Family Series Application Overview Product Name PCB Headers 90130 Wire-to-Board cgrid_iii C-Grid IIITM
image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style No 24 24 Black 200 No No No None Yes Brass Gold Tin Polyester 2 Vertical 0.114 In 2.90 mm No None 0.063 In 1.60 mm Tray 0.100 In 2.54 mm 0.100 In 2.54 mm 30.48 0.762 120 3 Yes No Closed Ends No No -55C to +125C Through Hole
Search Parts in this Series 90130Series Mates With 90142 C-Grid IIITM Crimp Housing
Electrical
Current - Maximum per Contact Voltage - Maximum 3A 350V AC/DC
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 5 Wave Capable (TH only) 1 260
Material Info Reference - Drawing Numbers
Packaging Specification Sales Drawing PK-90130-001, PK-91814-005 SDA-90130
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0901301324

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X